Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1313 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics AN1313 Datasheet HTML 14Page - STMicroelectronics AN1313 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN1313 - APPLICATION NOTE
11/16
5 - NEW REGISTERS
5.1 - New Registers Impacting the Application
This section presents new registers that have to be considered when porting an application running on
the ST10F168 onto the ST10F269.
5.1.1 - XPERCON Register
The ST10F269 has a new register named XPERCON that allows the XBUS peripherals to be separately
selected for being visible to the user by means of corresponding bits. If not selected (not activated with a
bit of XPERCON) before the XPEN bit in SYSCON is set, the corresponding address space, port pins
and interrupts are not occupied by the peripheral, and thus this peripheral is not visible and not available.
ST10F269: XPERCON (F024h / 12h)
ESFR
Reset Value: 0005h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
---
---
--
RTCEN XRAM2EN XRAM1EN
CAN2EN
CAN1EN
RW
RW
RW
RW
RW
Table 3 : XPERCON Register Bits
Bit
Number
Bit Name
Function
Reset
Value
0
CAN1EN
0
1
CAN1 Enable Bit
Accesses to the on-chip CAN1 XPeripheral and its functions are dis-
abled (P4.5 and P4.6 pins can be used as general purpose IOs, but
address range 00’EE00h -00EFFFh is only directed to external memory
if CAN2EN is ’0’ also.)
The on-chip CAN1 XPeripheral is enabled and can be accessed.
1
1
CAN2EN
0
1
CAN2 Enable Bit
Accesses to the on-chip CAN2 XPeripheral and its functions are dis-
abled (P4.5 and P4.6 pins can be used as general purpose IOs, but
address range 00’EE00h -00EFFFh is only directed to external memory
if CAN1EN is ’0’ also.)
The on-chip CAN2 XPeripheral is enabled and can be accessed.
0
2
XRAM1EN
0
1
XRAM1 Enable Bit
Accesses to the on-chip 2KByte XRAM are disabled, external access
performed.
The on-chip 2KByte XRAM is enabled and can be accessed.
1
3
XRAM2EN
0
1
XRAM2 Enable Bit
Accesses to the on-chip 8KByte XRAM are disabled, external access
performed.
The on-chip 8KByte XRAM is enabled and can be accessed.
0
4
RTCEN
0
1
RTC Enable Bit
Accesses to the on-chip Real Time Clock are disabled, external access
performed. Address range 00’EC00h-00’EFFFh is only directed to exter-
nal memory if CAN1EN and CAN2EN are ‘0’ also.
The on-chip Real Time Clock is enabled and can be accessed.
0
5...15
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com