Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1313 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics AN1313 Datasheet HTML 14Page - STMicroelectronics AN1313 Datasheet HTML 15Page - STMicroelectronics AN1313 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AN1313 - APPLICATION NOTE
14/16
6 - ELECTRICAL CHARACTERISTICS
6.1 - DC Characteristics
6.1.1 - Absolute Maximum Ratings
They are the same.
6.1.2 - DC Characteristics
6.1.2.1 - Operating Voltage
The ST10F269 appears like a 5V device externally but operates at a lower internal voltage thanks to a
voltage regulator.
Hardware Impacts
The pins 56 and 17 which were used as VDD and GND for the ST10F168. Now for the ST10F269, these
pins are named DC1 and DC2, respectively pins 56 and 17, and are used as de-coupling pins for the
internal core supply.
Software Impacts
None.
6.1.2.2 - Programming Voltage
The ST10F269 has a single voltage Flash Memory.
Hardware Impacts
The 12V input on the pin 84 is no longer needed.
Software Impacts
None.
6.1.2.3 - Miscellaneous
6.2 - AC characteristics at 25MHz
6.2.1 - Hardware Impact
None.
6.2.2 - Software Impact
None.
Table 5 : DC Characteristics Differences
Symbol
Parameter
ST10F168
ST10F269
Unit
Minimum
Maximum
Minimum
Maximum
HYS
Input Hysteresis (special threshold)
300
-
400
-
mV
IALEH
ALE active current
-
600
-
500
µA
IPD
Power-down mode supply current
-
100
-
500
µA
IPD2
Power-down mode supply current (Real
time clock enabled, oscillator enabled)
--
-
5
mA
ICC
Power supply current
-
20 + 6 x FCPU
-
30 + 4 x FCPU
mA
IID
Idle mode supply current
-
20 + 3 x FCPU
-
20 + FCPU
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com