Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1313 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics AN1313 Datasheet HTML 14Page - STMicroelectronics AN1313 Datasheet HTML 15Page - STMicroelectronics AN1313 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AN1313 - APPLICATION NOTE
12/16
5.1.1.1 - Hardware Impacts
None.
5.1.1.2 - Software Impacts
The value has to be changed from its default reset one to match XRAM size compatibility. Refer to XRAM
section for more details.
5.1.2 - POCONx Registers
These are new registers of the ST10F269.
The port output control registers POCONx allow to select the port output driver characteristics of a port.
The aim of these selections is to adapt the output drivers to the application’s requirements, and to
improve the EMI behavior of the device. Two characteristics may be selected:
– Edge characteristic defines the rise/fall time for the respective output, i.e. the transition time. Slow
edge reduce the peak currents that are sunk/sourced when changing the voltage level of an external
capacitive load. For a bus interface or pins that are changing at frequency higher than 1MHz, however,
fast edges may still be required.
– Driver characteristic defines either the general driving capability of the respective driver, or if the driver
strength is reduced after the target output level has been reached or not. Reducing the driver strength
increases the output’s internal resistance, which attenuates noise that is imported via the output line.
For driving LEDs or power transistors, however, a stable high output current may still be required.
POCONx
ESFR
Reset Value: 0000h
The new registers are the following:
– POCON0L, POCON0H, POCON1L, POCON1H, POCON2, POCON3, POCON4, POCON5, POCON6,
POCON7 and POCON8 dealing with the respective ports,
– POCON20 dealing with the dedicated pins ALE, RD and WR.
5.1.2.1 - Hardware Impacts
ST10F168 and ST10F269 ports don’t have the same behavior in their default reset configuration. The
ST10F269 default reset values select the “Fast Edge Mode” and the “High Current Mode”, while the
ST10F168 is designed for “Fast Edge Mode” and “Dynamic Current Mode”.
15
14
13
12
11
10
9876543210
PNzDC
PNzEC
PNyDC
PNyEC
PNxEC
PNxEC
PNwEC
PNwEC
RW
RW
RW
RW
RW
RW
RW
RW
Table 4 : POCONx Registers Bits
Bit
Function
Reset value
PNxEC
00
01
10
11
Port Nibble x Edge Characteristic (rise/fall time)
Fast edge mode, rise/fall times depend on the driver’s dimensioning.
Slow edge mode, rise/fall times ~60 ns
Reserved
Reserved
00
PNxDC
00
01
10
11
Port Nibble x Driver Characteristic (output current)
High Current mode:
Driver always operates with maximum strength.
Dynamic Current mode:
Driver strength is reduced after the target level has been reached.
Low Current mode:
Driver always operates with reduced strength.
Reserved
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com