Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2317 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 6Page - STMicroelectronics AN2317 Datasheet HTML 7Page - STMicroelectronics AN2317 Datasheet HTML 8Page - STMicroelectronics AN2317 Datasheet HTML 9Page - STMicroelectronics AN2317 Datasheet HTML 10Page - STMicroelectronics AN2317 Datasheet HTML 11Page - STMicroelectronics AN2317 Datasheet HTML 12Page - STMicroelectronics AN2317 Datasheet HTML 13Page - STMicroelectronics AN2317 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
External Circuit Design
AN2317 - Application
10/27
The secondary current sensing circuit can be connected to the mains as shown in
Figure 4:
1.
The hot line voltage wire must be connected to pin N of the module.
Normally, this wire is also connected to the hot line current wire. However, during
production or to verify phases, this wire may be connected to some other line voltage
source.
2.
The neutral line voltage wire must be connected to pin F of the module.
This wire is also connected to the neutral line current wire, which passes by the
module.
3.
The hot line current wire must be connected to the Shunt pole which is close to pin N of
the module.
Use insulated 4mm2 copper wire.
4.
The hot load current wire must be connected to the Shunt pole which is close to the
edge of the module.
Use insulated 4mm2 copper wire.
Figure 4.
Shunt Module-to-Power Line Connections
AI12299
Hot Load
Neutral
Hot Line
P1
W6
Comp side
Shunt
*
FN
W5
LED
NLC
TPR
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com