Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2317 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics AN2317 Datasheet HTML 25Page - STMicroelectronics AN2317 Datasheet HTML 26Page - STMicroelectronics AN2317 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN2317 - Application
External Circuit Design
23/27
●
Capacitor filter (C3, Filter 2)
Capacitor C3 is used as a filter. Considering load RL, the size of C3 must satisfy the
requirements expressed in
Equation 36:
Equation 36
In fact, considering that the charge stored in the capacitor is:
Equation 37
where,
IL = the load current, and
T = the AC sine wave period, and
the output ripple voltage is expressed as:
Equation 38
then the capacitor C value can be calculated by using a fixed voltage ripple value:
Equation 39
then, fixing our ripple to
ΔV=200mV we can calculate C value accordingly.
For the purposes of this application, C is calculated as follows:
Equation 40
The STPM01 power supply (VCC) configuration range is from 3.3V to 6V. While it
seems to be enough to change the D3 diode (see
Equation 34) from the previously
selected ZMM SOD 80*5.1V G Zener Diode, if the output current is too high, then the
C2 value must be reduced.
Note:
Usually it is not necessary to use resistor R1 in the circuit.
R
LC15
25
∼
()T
=
I
LTQ
=
ΔV
Q
C
----
=
ΔV
I
LT
C
--------
=
C
10mA
200mV 50Hz
⋅
--------------------------------------
1000
μF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com