Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2317 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 9Page - STMicroelectronics AN2317 Datasheet HTML 10Page - STMicroelectronics AN2317 Datasheet HTML 11Page - STMicroelectronics AN2317 Datasheet HTML 12Page - STMicroelectronics AN2317 Datasheet HTML 13Page - STMicroelectronics AN2317 Datasheet HTML 14Page - STMicroelectronics AN2317 Datasheet HTML 15Page - STMicroelectronics AN2317 Datasheet HTML 16Page - STMicroelectronics AN2317 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN2317 - Application
External Circuit Design
13/27
According to
Equation 12 and Equation 13 on page 12, the filter’s magnitude and phase
response can be seen in
Figure 7 and Figure 8 on page 14.
●
When f = 50Hz:
Equation 14
and
Equation 15
●
When f = 60Hz:
Equation 16
and
Equation 17
Assume that the current lags the voltage by a phase angle,
δ. After an anti-aliasing filter, a
phase error (
ϕ) is introduced into the STPM01. The power factor (PF) error is calculated as:
Equation 18
When,
δ = –60° (PF = –0.5), and
f = 50Hz,
according to
Equation 14, a phase error,
ϕ = –0.35° has occurred:
Equation 19
This indicates that even a small phase error will translate into a significant measurement
error at a low power factor. Thus correct phase matching is required in this situation.
ϕ
0.35°
–
=
A
u
1
≈
ϕ
0.43°
–
=
A
u
1
≈
error
PF
δ
cos
δϕ
+
()
cos
–
δ
cos
----------------------------------------------- 100percent
⋅
=
error
PF
60
–
°
()
cos
60°
–
0.35°
–
()
cos
–
60
–
°
()
cos
---------------------------------------------------------------------------------- 100percent
1percent
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com