Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2317 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics AN2317 Datasheet HTML 25Page - STMicroelectronics AN2317 Datasheet HTML 26Page - STMicroelectronics AN2317 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN2317 - Application
External Circuit Design
25/27
●
External Clock (see
Figure 15)
The clock generator is powered from analog supply, and is responsible for two tasks:
a)
to retard the turning on of some of the function blocks after Power-on Reset (POR)
in order to help smooth start the external power supply circuitry and keep all major
loads off of the circuit, and
b)
to provide all necessary clocks for the analog and digital parts. Two nominal
frequency ranges are expected,(1) from 4.000MHz to 4.194MHz, or (2) from
8.000MHz to 8.192MHz.
Figure 15.
External Clock Source Recommended Connections
VSS
–
CLKIN CLKOUT
AI12917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com