| Electronic Components Datasheet Search |
|
AN3254 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3254 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 24 page ![]() November 2010 Doc ID 17783 Rev 1 1/24 AN3254 Application note SPI protocol for the STPMC1 metering device Introduction The STPMC1 device is an ASSP designed for effective measurement in power line systems utilizing the Rogowski coil, current transformer, and shunt or Hall current sensors. Used in combination with one or more STPMSx ICs, it implements all the functions needed in a 1, 2, or 3-phase energy meter. It can be coupled with a microprocessor for multifunction energy meter or it can directly drive a stepper motor for a simple active energy meter. All the data measured by the STPMC1 are accessible through the SPI port, which is also used to configure and calibrate the device. The configuration and calibration data are retained in a 112-bit OTP block; in any case, these data can be dynamically changed in microprocessor based meters. Measured data (like active and reactive energy, total and per phase, phase VRMS, IRMS and instantaneous voltage and current, line frequency, phase status, etc.) should be read by the microcontroller at a fixed time interval to be further processed. This application note describes the SPI protocol to read measured data from the STPMC1 in a multiphase energy meter and how these readings should be processed by the application. For more details on the device please refer to the STPMC1; Programmable poly-phase energy calculator IC, datasheet. Figure 1. STPMC1 based application block diagram N R S T Current Sensor Current Sensor Current Sensor Voltage Sensor Voltage Sensor Voltage Sensor Current Sensor S TPMS1 S TPMS1 S TPMS1 S TPMS1 STPMC1 DAR DAS DAH DAN DAT ( ( MCU Application Support and Pe riphera l Control MCU Applica tion Support and Pe riphera l Control SPI MCU Application Support and Pe riphera l Control MCU Applica tion Support and Pe riphera l Control SPI 4 wire s Step pe r C ounter Step pe r C ounter LE D ind ica tors www.st.com |
Similar Part No. - AN3254 |
|
Similar Description - AN3254 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |