Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3254 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 12Page - STMicroelectronics AN3254 Datasheet HTML 13Page - STMicroelectronics AN3254 Datasheet HTML 14Page - STMicroelectronics AN3254 Datasheet HTML 15Page - STMicroelectronics AN3254 Datasheet HTML 16Page - STMicroelectronics AN3254 Datasheet HTML 17Page - STMicroelectronics AN3254 Datasheet HTML 18Page - STMicroelectronics AN3254 Datasheet HTML 19Page - STMicroelectronics AN3254 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Converting readings into measured values
AN3254
16/24
Doc ID 17783 Rev 1
5
Converting readings into measured values
5.1
Energies
The first three registers contain 20-bit values of the internal 3-phase energy up/down
counters, and in the following groups there are the registers containing each phase energy
counter.
The value of the least significant bit of every energy counter is related to power meter
constant P, which is the number of pulses per kWh that the meter, through calibration, is
configured to provide to the LED pin.
This means that this value changes with the application and relative calibration.
Given P, the number of pulses per kWh provided, the energy registers LSB value is indicated
in Table 2 below:
For example, the energy registers LSB values for SYS = 0, 1, 2, 4, 5, 6, 7 when P = 64000
pulses/kWh = 17.7 Hz*kW are:
KP = KF = 15.258 *10
-6 Wh
KQ = KR = 15.258 *10
-6 VArh
The energy registers LSB values for SYS = 3 and the same P are:
KP = 15.258 *10
-6 Wh
KF = 30.517 *10
-6 Wh
KQ = KR = 30.517 *10
-6 VArh
Table 2.
Energy registers LSB value
Register
SYS = 0,1,2,4,5,6,7
SYS = 3
3-ph Active Energy Wide Band (P)
3-ph Reactive Energy Wide Band (Q)
3-ph Active Energy Fundamental (F)
3-ph Reactive Energy Fundamental (R)
K
P
1000
P2
10
⋅
----------------- Wh
[]
=
K
P
1000
P2
10
⋅
----------------- Wh
[]
=
K
Q
1000
P2
10
⋅
----------------- VArh
[]
=
K
Q
1000
P2
9
⋅
-------------- VArh
[]
=
K
F
1000
P2
10
⋅
----------------- Wh
[]
=
K
F
1000
P2
9
⋅
-------------- Wh
[]
=
K
R
1000
P2
10
⋅
----------------- VArh
[]
=
K
R
1000
P2
9
⋅
-------------- VArh
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com