Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3254 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 16Page - STMicroelectronics AN3254 Datasheet HTML 17Page - STMicroelectronics AN3254 Datasheet HTML 18Page - STMicroelectronics AN3254 Datasheet HTML 19Page - STMicroelectronics AN3254 Datasheet HTML 20Page - STMicroelectronics AN3254 Datasheet HTML 21Page - STMicroelectronics AN3254 Datasheet HTML 22Page - STMicroelectronics AN3254 Datasheet HTML 23Page - STMicroelectronics AN3254 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Converting readings into measured values
AN3254
20/24
Doc ID 17783 Rev 1
Line frequency is calculated as follows:
frequency = Fm /( x_period * 2
5)
The integrator and differentiator gains are calculated as follows:
Kint = 2 * x_period * 2
5/ (p * 216)
Kdif = 1/ (2 * Kint)
Typical values for these gains are:
Table 4.
STPMC1 internal parameters value
Parameter
Value
Meaning
Ku
0,875
Voltage calibrator ideal value if PM = 0 (1)
0,9375
Voltage calibrator ideal value if PM = 1
Ki
0,875
Current calibrator ideal value if PM = 0
0,9375
Current calibrator ideal value if PM = 1
Kisum
0,875
Calibrator ideal value for sI RMS (sum of currents)(2)
Au
4
Voltage channel gain
len_i
216
Current register length
len_u
212
Voltage register length
len_isum
212
sI RMS (sum of currents) register length
Kint_comp
1,004
Gain of decimation filter
π
3.14159
Fm
4 * 106
If oscillator frequency is 4.000 or 8.000 MHz
222
If oscillator frequency is 4.194 or 8.388 MHz
4915200
If oscillator frequency is 4.915 or 9.830 MHz
Kut
2
For CT/Shunt
1
For Rogowski coil
Vref
1.23
Internal voltage reference
1.
PM is CFG 21, it sets the meter precision (Class 1 or Class 0.1)
2.
12 bits in DMN register
Table 5.
Kint and Kdif typical values
Kdif
0,6135
Gain of differentiator @ line frequency = 50 Hz
0.7359
Gain of differentiator @ line frequency = 60 Hz
Kint
0,815
Gain of integrator @ line frequency = 50 Hz
0.679
Gain of integrator @ line frequency = 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com