Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3254 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 13Page - STMicroelectronics AN3254 Datasheet HTML 14Page - STMicroelectronics AN3254 Datasheet HTML 15Page - STMicroelectronics AN3254 Datasheet HTML 16Page - STMicroelectronics AN3254 Datasheet HTML 17Page - STMicroelectronics AN3254 Datasheet HTML 18Page - STMicroelectronics AN3254 Datasheet HTML 19Page - STMicroelectronics AN3254 Datasheet HTML 20Page - STMicroelectronics AN3254 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3254
Converting readings into measured values
Doc ID 17783 Rev 1
17/24
This also means that the STPMC1 energy counters hold a very small energy value (in the
example above, when LSB represents 15.258 µWh, the whole register stores 16 Wh), and
further energy integration must be performed inside the application.
To accomplish this task, the procedure below should be followed.
Because all energy counters rollover in approximately 1 s when they are integrating maximal
power, the reading must be done frequently enough. It is suggested to read the registers at
least 32 times per second.
For each energy type, a variable
e should be allocated, having the following structure (below
is the variable definition for an ST7 microcontroller):
typedef struct energ {
unsigned long old;
/* previous energy value - 32 bits */
unsigned int quot;
/* quant/16 - 16 bits */
signed int quant;
/* new - old, measure of power - 16 bits */
signed long frac;
/* fractional part of energy integrator -
32 bits */
signed long integ;
/* integer part of energy integrator - 32
bits */
} ENERG;
The application should keep the previous value of each energy counter in order to evaluate
the difference of readings, from which also a direction of energy flow can be obtained. This
value should be stored in
e
→ old before a reading. After the reading, the new energy
register reading should be stored in
e
→ new.
To calculate consummated energy the software should implement a 32-bit integrator. The
suggested integrator is two stages, with
e
→ frac and e→ integ 32-bit signed integer
variables. Into
e
→ frac is added the value e→ quant, obtained as the difference between e →
old and e
→ new energy values; then the e→ old value should be rewritten with the e→ new
value in order to enable a correct
e
→ quant computation next time.
When
e
→ frac collects a certain amount of energy, let’s say 10 Wh for active energy
(corresponding to a certain threshold value according to KP), e→ integ should change for 1
bit and the
e
→ frac should change by the threshold value.
In this way,
e
→ frac stores 0.01 KWh, after which e→ integ is increased by one, and the e→
integ variable holds accumulated energy of which the least significant bit represents 10 Wh.
Considering an active energy meter where P = 64000 imp/kWh, for a step of 0.01 KWh = 10
Wh, as each bit of
e
→ quant represents K
P Wh (it is the same resolution of the internal
energy counter, because
e
→ quant is calculated as a difference of two energy counter
values), the threshold value is 10/KP = 10/15.258*2
06 = 0xA0021.
In a microcontroller based application, a high priority timer interrupt should be set to perform
measuring tasks every 1/512 s. Within this interrupt service 16 different subtasks could be
established in order to break the whole meter task into 16 shorter consecutive subtasks
(reading of device register, checking the data read, and, if ok, computing the value of
e
→
quant). In this way, the main program and other interrupt services are not blocked for more
than a few 100 us every 2 ms, and the meter task is completed in 16 steps - that is in 1/32 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com