Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2025 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2025
Description  Converter Improvement Using
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2025 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2025 Datasheet HTML 3Page - STMicroelectronics AN2025 Datasheet HTML 4Page - STMicroelectronics AN2025 Datasheet HTML 5Page - STMicroelectronics AN2025 Datasheet HTML 6Page - STMicroelectronics AN2025 Datasheet HTML 7Page - STMicroelectronics AN2025 Datasheet HTML 8Page - STMicroelectronics AN2025 Datasheet HTML 9Page - STMicroelectronics AN2025 Datasheet HTML 10Page - STMicroelectronics AN2025 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN2025 - APPLICATION NOTE
7/11
Second step: Pspice simulation
Knowing the initial conditions iTO and VCO, the equivalent circuit can be simulated (see figure 12).
The figure 13 shows the simulation results. The result of this simulation is:
EAVALANCHE_max = 2.5µJ
Therefore:
PAVALANCHE(AVERAGE)max = EAVALANCHE_max x Fc (with Fc = 100kHz)
PAVALANCHE(AVERAGE)max = 250mW
This accurate method can be used to estimate the maximum real avalanche peak power in the case where
the estimation with the simple method (cf §III) is too pessimist.
Figure 12: Pspice equivalent circuit with initial conditions ITO and VCO
E
A VALANC HE_max
V
RRM iAVA LANCHE
t
d
⋅⋅
0
t
p
∫
=
R = 47
S
Ω
C = 2.2nF
S
D
-
-
+
+
21
1
1
2
2
L = 280nH
F
VS
V
= 100V
Clamp_min
iSNUBBER
iAVALANCHE
Figure 13: Simulation results
EAVALANCHE_max = 2.5µJ
iAVALANCHE
VClamp_min = VRRM = 100V
VCS
iT
tp
iSNUBBER
V
= 14V
C0
IAR
I
= 4.2A
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com