Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2025 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2025
Description  Converter Improvement Using
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2025 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2025 Datasheet HTML 1Page - STMicroelectronics AN2025 Datasheet HTML 2Page - STMicroelectronics AN2025 Datasheet HTML 3Page - STMicroelectronics AN2025 Datasheet HTML 4Page - STMicroelectronics AN2025 Datasheet HTML 5Page - STMicroelectronics AN2025 Datasheet HTML 6Page - STMicroelectronics AN2025 Datasheet HTML 7Page - STMicroelectronics AN2025 Datasheet HTML 8Page - STMicroelectronics AN2025 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN2025 - APPLICATION NOTE
3/11
III.2. Switching-off analysis (simple method)
III.2.1. Introduction
The figure 5 shows the equivalent circuit that can be used to simulate a secondary rectification function
when the diode turns off : LF represents the leakage inductance of the transformer. The diode is modelized
by the capacitance Cj, RS and CS are the snubber components.
The figure 6 shows the corresponding current and voltage waveforms taking into account the delay time
between current and voltage probes. When the total current (current in the diode + current in the snubber)
is at maximum (IPEAK), the voltage across the leakage inductance is zero (dIT/dt = 0). Consequently the
voltage across the diode is equal to VS.
iT = IPEAK ⇔ vD = -VS
III.2.2. Switch-off behavior when the diode works in the avalanche area
The figure 7 shows the switch-off behavior when the diode works in the avalanche area.
This characteristic is made up of 2 distinct phases.
Phase 1: t
∈ [t0, t1]
At t = t0: iT = I0
vD = 0
Figure 5: Basic equivalent circuit
RS
vD
Snubber
Cj
CS
LF
iT
VS
L : leakage inductance of the transformer
F
Figure 6: Total current (iT) and voltage (VD)
when the diode turns off
20V/div
1A/div
20ns/div
0V
0A
i with delay time
T
IPEAK
-VSPIKE
-VRRM
-VS
vD
i without delay time
T
Figure 7: Switch-off behavior when the diode
works in the avalanche area
-VS
-VRRM
IPEAK
vD, iT
iT
t0
vD
dIT/dt
t1
Phase2
Phase1
t2
t
I0
I1
-VClamp
RS
vD
Cj
CS
LF
iT
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com