Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2025 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2025
Description  Converter Improvement Using
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2025 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2025 Datasheet HTML 1Page - STMicroelectronics AN2025 Datasheet HTML 2Page - STMicroelectronics AN2025 Datasheet HTML 3Page - STMicroelectronics AN2025 Datasheet HTML 4Page - STMicroelectronics AN2025 Datasheet HTML 5Page - STMicroelectronics AN2025 Datasheet HTML 6Page - STMicroelectronics AN2025 Datasheet HTML 7Page - STMicroelectronics AN2025 Datasheet HTML 8Page - STMicroelectronics AN2025 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN2025 - APPLICATION NOTE
2/11
III. Simple method to estimate the maximum avalanche peak power
III.1. Setting the Problem
Most of the time, it is difficult to accurately determinate the avalanche power through the diode in the hard-
ware circuit.
This is mainly due to measuring problems such as delay time between current and voltage probe, the very
low pulse duration and the snubber circuit impact. Generally, in SMPS applications, the maximum
avalanche peak power occurs for a diode having the lowest clamping voltage. Practically, this diode is very
difficult to find.
These are the reasons why STMicroelectronics proposes a simple method to estimate the maximum av-
alanche peak power PPEAK_AV. In most of SMPS applications, this method will be pessimistic (PPEAK_AV
> PAVALANCHE) but sufficient to determine whether or not a given Schottky diode will sustain the applied
avalanche energy. This method only covers Schottky diodes used in rectification function for SMPS (see
figure 4), where the pulse duration of the avalanche current tp is less than 1µs.
Figure 2:
Figure 3:
Figure 4: Typical secondary rectification topologies
PARM tp Tj
,
()
PARM tp 25
o
C
,
()
--------------------------------------------- versus Tj
PARM tp Tj
,
()
PARM 1µsTj
,
()
----------------------------------------- versus Tp
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
175
P(t , T ) /
ARM
p
j
P
(t , 25°C) versus T
ARM
p
j
T (°C)
j
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
P(t , T ) /
ARM
p
j
P
(1µs, T , 25°C) versus t
ARM
j
p
t (µs)
p
RS
RS
DR
DF
CS
CS
LF
LF
Transformer
Transformer
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com