Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2511 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 2Page - STMicroelectronics AN2511 Datasheet HTML 3Page - STMicroelectronics AN2511 Datasheet HTML 4Page - STMicroelectronics AN2511 Datasheet HTML 5Page - STMicroelectronics AN2511 Datasheet HTML 6Page - STMicroelectronics AN2511 Datasheet HTML 7Page - STMicroelectronics AN2511 Datasheet HTML 8Page - STMicroelectronics AN2511 Datasheet HTML 9Page - STMicroelectronics AN2511 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
PMBus introduction
AN2511
6/43
Doc ID 13286 Rev 2
1
PMBus introduction
1.1
PMBus protocol description
The PMBus protocol is intended to cover a wide range of power system architectures and
converters.
PMBus devices must use the system management bus (SMBus), version 1.1. Implemented
over the industry-standard SMBus serial interface, the PMBus protocol facilitates the
programming, control and real-time monitoring of compliant power conversion products.
1.1.1
SMBus version 1.1
The system management bus (SMBus) is a two-wire interface through which various system
component chips can communicate with each other and with the rest of the system. It is
based on the principles of operation of I2C.
For more information about SMBus, refer to AN1713, available from www.st.com.
1.1.2
Extensions to SMBus version 1.1 specification
1.
Block write-block-read process call
To support certain commands of the PMBus command language, PMBus devices must
support the "Block write-block-read process call" described in Section 5.5.8 of Version
2.0 of the SMBus Specification.
2.
Host notify protocol
PMBus devices may support the host notify protocol described in Section 5.5.9 of
Version 2.0 of the SMBus Specification. If a PMBus device supports the host notify
protocol, the two data bytes sent to the host are the same as the data bytes returned by
the STATUS_WORD command.
3.
Group command protocol
PMBus devices must support the group command protocol. The group command
protocol is used to send commands to more than one PMBus device. The commands
are received in one transmission. When the devices detect the STOP condition that
ends the command, they all begin executing the command they received.
4.
Addressing
PMBus devices use seven bit addresses.
5.
Packet error checking (PEC)
Support for the SMBus packet error checking (PEC) protocol is optional.
1.2
Hardwired signals
1.2.1
Electrical interface
The following diagram shows the interface between different PMBus devices. ST72264G1 is
the selected microcontroller, which has a multi-master I2C interface. This microcontroller
acts as PMBus master. It communicates with any compatible PMBus slave using a 4-pin
interface. SMBC is the clock from the master. SMBD is the data pin. Both SMBC and SMBD
should be pulled up with a 4.7 k
Ω resistor. SMBALERT is the SMBus alert pin, which helps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com