Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2511 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 10Page - STMicroelectronics AN2511 Datasheet HTML 11Page - STMicroelectronics AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics AN2511 Datasheet HTML 17Page - STMicroelectronics AN2511 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
PMBus commands and source code
AN2511
14/43
Doc ID 13286 Rev 2
Description
The VOUT_OV_WARN_LIMIT command sets the
value of the output voltage at the sense or output
pins that causes an output voltage high warning.
This value is typically less than the output
overvoltage threshold.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 12.
VOUT_UV_WARN_LIMIT
Command name
VOUT_UV_WARN_LIMIT
Command code
43h
Description
The VOUT_UV_WARN_LIMIT command sets the
value of the output voltage at the sense or output
pins that causes an output voltage low warning.
This value is typically greater than the output
undervoltage fault threshold
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 13.
IOUT_OC_FAULT_LIMIT
Command name
IOUT_OC_FAULT_LIMIT
Command code
46h
Description
The IOUT_OC_FAULT_LIMIT command sets the
value of the sense output current, in amps (literal
format), that causes an overcurrent fault.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 14.
IOUT_OC_WARN_LIMIT
Command name
IOUT_OC_WARN_LIMIT
Command code
4Ah
Description
The IOUT_OV_WARN_LIMIT command sets the
value of the output current that causes an output
overcurrent warning.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 15.
OT_FAULT_LIMIT
Command name
OT_FAULT_LIMIT
Command code
4Fh
Description
The OT_FAULT_LIMIT command sets the value
of the sense temperature, in °C (literal format),
that causes an overtemperature fault
Table 11.
VOUT_OV_WARN_LIMIT (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com