Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2511 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics AN2511 Datasheet HTML 33Page - STMicroelectronics AN2511 Datasheet HTML 34Page - STMicroelectronics AN2511 Datasheet HTML 35Page - STMicroelectronics AN2511 Datasheet HTML 36Page - STMicroelectronics AN2511 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AN2511
Using the demonstration board
Doc ID 13286 Rev 2
33/43
For example, to enter a date as “15 -12-1991”, then data should be entered as
313531323931 (where 31h=ASCII ”1”, 35h=ASCII “5”, etc., and the date will read “151291”).
An example of this operation is shown below.
Figure 19.
Write mode operation example
When reading back the date written using single read commands, the following message is
displayed:
Figure 20.
Read operation to check data writing
6.1.8
Group command
The user can press 3 to select group command mode. In this demonstration board, the user
can write multiple commands for multiple slave addresses.
After Figure 21 appears, the user can enter any command code and data with reference to
Section 3.1: PMBus commands to write byte/ word/ block of data. The user can enter 5
commands and data for the group command. If the user wants to write less than 5
commands, the user can press * to terminate the group command operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com