Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2511 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 6Page - STMicroelectronics AN2511 Datasheet HTML 7Page - STMicroelectronics AN2511 Datasheet HTML 8Page - STMicroelectronics AN2511 Datasheet HTML 9Page - STMicroelectronics AN2511 Datasheet HTML 10Page - STMicroelectronics AN2511 Datasheet HTML 11Page - STMicroelectronics AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Implementation of PMBus using ST7 I2C
AN2511
10/43
Doc ID 13286 Rev 2
Figure 5.
Flowchart: write operation
During the PMBus communication, if there are any errors in communication (acknowledge
failure, arbitration loss, bus error or SMBus timeout), the I2C peripheral is disabled. It is re-
initialized again inside the PMBus write/ read functions.
In case the SMBus Alert pin is pulled low by the slave to inform the master that it wants to
communicate, the slave address is programmed with the alert response address (0x18).
This is acknowledged by the slave that alerted the master. After the communication between
the master and slave is complete, the slave address is programmed with the user-defined
slave address. The default value of this user-defined address is 0x30.
In case of group operation, the write operation flowchart is followed without the stop
condition.
START
Check if SMBus_Mode for
Send Byte command
Check if SMBus_Mode for Write
Word command
Check if SMBus_Mode for
Write Block command
Yes
Yes
Yes
No
No
No
SMBus Send byte protocol
SMBus Write word protocol
SMBus Write block protocol
STOP
171
181
1
S
Slave Address
Wr
A
Data Byte
AP
171
1818181
1
S
Slave Address
Wr
A
Command Code
A
Data Byte Low
A
Data Byte HIgh
A
P
81
...
81
1
Data Byte 2
A
...
Data Byte N
AP
171
18181
181
S
Slave Address
Wr
A
Command Code
A
Byte Count = N
Rd
A
Data Byte 1
A
...
Yes
SMBus Write byte protocol
171
18181
1
S
Slave Address
Wr
A
Command Code
A
Data Byte
AP
Check if SMBus_Mode for Write
Byte command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com