Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2640 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 2Page - STMicroelectronics AN2640 Datasheet HTML 3Page - STMicroelectronics AN2640 Datasheet HTML 4Page - STMicroelectronics AN2640 Datasheet HTML 5Page - STMicroelectronics AN2640 Datasheet HTML 6Page - STMicroelectronics AN2640 Datasheet HTML 7Page - STMicroelectronics AN2640 Datasheet HTML 8Page - STMicroelectronics AN2640 Datasheet HTML 9Page - STMicroelectronics AN2640 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
PFC section design criteria
AN2640
6/36
Figure 3.
Inductor current waveform and MOSFET timing
1.3.1
Power switch
It must be:
●
VDSS > Vout
●
ID > IT(pk)
Equation 4
Equation 5
Equation 6
Equation 7
Equation 8
Equation 9
Equation 10
V
out
420 V
=
P
omax
85 W
=
η 0.9
=
P
imax
P
omax
η
----------------
95 W
≅
=
V
imin rms
()
185 V
=
I
Lmax rms
()
P
imax
V
imin rms
()
--------------------------
510 mA
≅
=
I
Lpk
()
22
I
Lmax rms
()
1.5 A
≅
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com