Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2640 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 9Page - STMicroelectronics AN2640 Datasheet HTML 10Page - STMicroelectronics AN2640 Datasheet HTML 11Page - STMicroelectronics AN2640 Datasheet HTML 12Page - STMicroelectronics AN2640 Datasheet HTML 13Page - STMicroelectronics AN2640 Datasheet HTML 14Page - STMicroelectronics AN2640 Datasheet HTML 15Page - STMicroelectronics AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AN2640
ST7LIT19BF1 - 8-bit MCU
13/36
Figure 12.
PFC Vin waveform circuit
●
Pin 7: AIN3 - average current. In the ballast during the run state the inductor current is
controlled by monitoring the voltage across Rsense.
Figure 13.
Average current circuit
The voltage across C22 is proportional to the current that flows in the Power MOSFET which
is related to the discharge current in the tube.
When ballast frequency is changed, a current regulation is performed.
●
Pin 8: AIN4 - lamp type detection. This circuit is used to distinguish between lamps
having different cathode resistances. When the NPN transistor Q5 is in the cutoff
region, the PNP transistor Q4 is also, producing a voltage close to zero at pin 8 "Lamp
Type Detection". When the NPN transistor Q5 is in the saturation region, the PNP
transistor Q4 is also, producing at pin 8 "Lamp Type Detection" a voltage that depends
on the resistor of the lamp electrodes. Normally the NPN transistor Q5 is kept in the
cutoff region so that the whole circuit is disabled. This circuit is enabled just to
recognize the lamp family, after recognition, it is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com