Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2640 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 28Page - STMicroelectronics AN2640 Datasheet HTML 29Page - STMicroelectronics AN2640 Datasheet HTML 30Page - STMicroelectronics AN2640 Datasheet HTML 31Page - STMicroelectronics AN2640 Datasheet HTML 32Page - STMicroelectronics AN2640 Datasheet HTML 33Page - STMicroelectronics AN2640 Datasheet HTML 34Page - STMicroelectronics AN2640 Datasheet HTML 35Page - STMicroelectronics AN2640 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AN2640
Conclusion
33/36
Figure 34.
54 W
Figure 35.
80 W
7
Conclusion
The proposed microcontrolled multipower ballast has several advantages. Design and
production cost are reduced as there is no need for different circuits to drive different lamps.
Moreover, by using the microcontroller, the systems' present flexibility from a design point of
view respects that of an analog circuit. With the use of STMicroelectronics' Power MOSFET
and diodes, the circuit shows good overall efficiency results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com