Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2640 Datasheet HTML 1Page - STMicroelectronics AN2640 Datasheet HTML 2Page - STMicroelectronics AN2640 Datasheet HTML 3Page - STMicroelectronics AN2640 Datasheet HTML 4Page - STMicroelectronics AN2640 Datasheet HTML 5Page - STMicroelectronics AN2640 Datasheet HTML 6Page - STMicroelectronics AN2640 Datasheet HTML 7Page - STMicroelectronics AN2640 Datasheet HTML 8Page - STMicroelectronics AN2640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
January 2008
Rev 1
1/36
AN2640
Application note
Intelligent multipower digital ballast for
fluorescent lamps
Introduction
Fluorescent lamps are highly popular due to their luminous efficiency, long life and color
rendering. These lamps need external circuitry to compensate for their negative resistance
characteristic. This circuitry is called "ballast". The simplest ballast is a magnetic inductor
connected in series at the lamp. The electronic ballast with respect to the magnetic one
offers the following advantages:
■ Better efficiency
■ Increased lamp life
■ Lightweight with smaller dimensions
■ Better lamp power control
For these reasons, in the last years there has been a shift in the market towards the use of
electronic ballasts with dedicated drivers and controllers. Today, thanks to microcontrollers,
it is possible to add intelligence into the circuit. Instead of having a dedicated circuit for each
lamp with a single ballast it is possible to drive many different lamp groups. This application
note describes an electronic ballast that is able to recognize lamps within the T5 fluorescent
family such as 24 W, 39 W, 54 W and 80 W. It consists of two main blocks:
■ A boost converter (Power Factor Controller PFC) working in transition mode (fixed TON
and variable frequency)
■ An inverter in half-bridge configuration working in zero voltage switching
Both ballast and PFC stages are controlled by the ST7FLIT19B that offers its entire signal to
the L6382D5 which provides the right voltage and current levels for the Power MOSFET.
This system after tube recognition sets the right parameter and drives the lamp correctly.
Figure 1 shows the ballast block diagram.
Figure 1.
Ballast block diagram
www.st.com


Similar Part No. - AN2640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
More results

Similar Description - AN2640

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
Ballast Control IC for Compact Fluorescent Lamps
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
Infineon Technologies A...
ICB2FL01G INFINEON-ICB2FL01G Datasheet
992Kb / 56P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 May 2010
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
Non-Dimmable Fluorescent Ballast
logo
STMicroelectronics
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
Ballast Control IC for Compact Fluorescent Lamp
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
Ballast Control IC for Compact Fluorescent Lamps
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
This note describes digital ballast for 70 W HID lamps
09-Jan-2013
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com