Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3392 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 5Page - STMicroelectronics AN3392 Datasheet HTML 6Page - STMicroelectronics AN3392 Datasheet HTML 7Page - STMicroelectronics AN3392 Datasheet HTML 8Page - STMicroelectronics AN3392 Datasheet HTML 9Page - STMicroelectronics AN3392 Datasheet HTML 10Page - STMicroelectronics AN3392 Datasheet HTML 11Page - STMicroelectronics AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
AN3392
Application information
Doc ID 018749 Rev 1
9/57
2
Application information
A step-up (or boost) converter is a switching DC-DC converter able to generate an output
voltage higher than the input voltage.
Figure 5.
Step-up converter single-ended architecture
The switching element (Sw) is typically driven by a fixed-frequency rectangular waveform
generated by a PWM controller.
When Sw is closed (Ton), the inductor stores energy and its current increases with a slope
depending on the voltage across the inductor and its inductance value. During this time the
output voltage is sustained by Cout and the diode doesn’t allow any charge transfer from
output to input stages.
When Sw is open (Toff) the current in the inductor flows toward the output until the voltage
on node “A” is higher than the output voltage. During this phase the current in the inductor
decreases while the output voltage increases.
Figure 6 shows the behavior of the current on the inductor.
Figure 6.
Step-up converter in continuous mode
Comparing the energy stored in the inductor during Ton and the energy released during Toff,
the relation between VOUT and Vin is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com