Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3392 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 9Page - STMicroelectronics AN3392 Datasheet HTML 10Page - STMicroelectronics AN3392 Datasheet HTML 11Page - STMicroelectronics AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics AN3392 Datasheet HTML 14Page - STMicroelectronics AN3392 Datasheet HTML 15Page - STMicroelectronics AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
AN3392
Output voltage ripple
Doc ID 018749 Rev 1
13/57
4
Output voltage ripple
Assuming a resistive load, the output voltage ripple is directly related to the output current
ripple.
In a single-ended architecture, the output current is the current flowing on the inductor when
it recirculates through the rectifiers. Referring to Figure 6, the larger the inductance, the
smaller the current ripple (Ib-Ia).
In IL-4 architecture, output current is the sum of the four currents flowing in each inductor.
Even if the current on each branch is the same as in the single-ended architecture, the
TSW/4 shift between the driving signals implies that output current has a small amount of
ripple. Figure 11 shows both the current in each branch and the final IOUT.
Figure 11.
Step-up current waveforms or interleaved 4-phase architecture
With respect to single-ended architecture, input and output current ripple are significantly
reduced due to both the split of the incoming current in the four branches and the related
phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com