Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3392 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics AN3392 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
External component selection
AN3392
36/57
Doc ID 018749 Rev 1
10.12
Diode selection
The SPV1020 requires 3 Schottky diodes: D1, D2 and D3, as shown in Figure 24.
D3 (with C11) protects the SPV1020 supply by filtering system switching noise.
D3 should be chosen for low forward drop so that it doesn’t impact system efficiency.
Maximum forward current is according to the maximum current required by the SPV1020. A
safe choice is around 20 mA. Maximum voltage applied to D3 depends on the PV panel, and
does not exceed 45 V due to the maximum allowable SPV1020 input voltage.
D1 is the alternative path for current flow when the SPV1020 is down and Vin is higher than
VOUT.
D2 is a bypass diode. It turns on in the case of shaded cells and provides an alternative path
for the current flowing from other panels.
D1 and D2 are power Schottky diodes that must support both:
●
Forward current comparable with the maximum current provided by the PV cells.
Assuming a PV panel with 6” poly crystalline silicon solar cells, then the maximum
current is 9 A.
●
Maximum reverse voltage according to the output voltage partitioning. This should be
at least 45 V due to the voltage rating of the SPV1020.
Furthermore, the forward voltage and reverse current of D1 and D2 should be as low as
possible in order to minimize the impact on system efficiency.
10.13
Protection devices
The SPV1020 demo board uses a protection Transil™ D4 to trigger voltage spikes higher
than 45 V (AMR of the SPV102) on the VOUT pins.
This component must be chosen according to the following rules:
VBR > VOUT_max;
and
VCL
≤45 V.
The STEVAL-ISV009V1 uses D4 which has VBR = 37 V and VCL = 40 V.
10.14
Pole-zero compensation
The SPV1020 controls the whole system stability by an internal loop on VOUT_SNS.
The transfer function of the loop depends on both the output capacitor and load.
Even though the stability can be fine tuned by trimming R5 and C8 on pin PZ_OUT, as
shown in Figure 24, their suggested values (R5 = 1 k
Ω and C8 = 22 nF) guarantee stability
in most applications.
In order to increase system response to output voltage changes without causing overvoltage
threshold triggering, C8 can be decreased down to 2.2 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com