Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4208 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 2Page - STMicroelectronics AN4208 Datasheet HTML 3Page - STMicroelectronics AN4208 Datasheet HTML 4Page - STMicroelectronics AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Packing specifications and labeling description
AN4208
6/16
DocID023948 Rev 1
3.3
Reels
The sealed carrier tape with the Flip Chip is reeled on seven-inch reels (see Figure 5 for reel
mechanical dimensions). These reels are compliant with EIA-481-C standard. In particular,
they are made of an anti static polystyrene material. Color of the reel may vary depending
on supplier.
Dice quantity per reel is 5000 or 10000 or 15000 (with typical package thickness equal to
605 µm). In compliance with the IEC 60286-3, each reel contains a maximum of 0.1% empty
cavities. Two successive empty cavities are not allowed. Each reel may contain components
coming from 2 different wafer lots.
Each reel has a minimum leader of 400 mm and a minimum trailer of 160 mm (compliant
with EIA 481-C and IEC 60286-3 standards). The leader makes up a portion of carrier tape
with empty cavities and sealed by cover tape at the beginning of the reel (external side). The
leader is affixed to the last turn of the carrier tape by using adhesive tape. The trailer is at
the end of the reel and consists of empty, sealed cavities (see Figure 6).
Figure 5. Seven-inch reel mechanical dimensions.
Figure 6. Leader and trailer
AB
C
D
E
W1 (Hub)
W2
W3
(external)
180 max
All dimensions in mm
Material: ANTISTATIC POLYSTYRENE
1.5 min
13 +0.5
8.4 +1.5
8.4 +2.5
20.2 min
60 min
14.4 max
-0.2
-0
-0.5
Leader
No components
Components
No components
Trailer
100mm min
.
Start
160mm min
.
400mm min.
Leader and trailer
End
Sealed with cover tape
User direction of feed
Top
cover
tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com