Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4208 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics AN4208 Datasheet HTML 11Page - STMicroelectronics AN4208 Datasheet HTML 12Page - STMicroelectronics AN4208 Datasheet HTML 13Page - STMicroelectronics AN4208 Datasheet HTML 14Page - STMicroelectronics AN4208 Datasheet HTML 15Page - STMicroelectronics AN4208 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Soldering assembly recommendations
AN4208
12/16
DocID023948 Rev 1
5.4
Manual rework
Flip Chips are able to tolerate one repair in addition to the two reflows mentioned in
Section 5.2.
As for other BGA type packages the use of laser systems is the most suitable form for
Flip Chip repair. Manual hot gas soldering is acceptable but iron soldering is not
recommended.
For leaded Flip Chip manual rework the maximum temperature allowed is 260 °C (lead-free
compatibility) and dwell time must not exceed 30 seconds.
For lead-free Flip Chip manual rework, the maximum temperature allowed is 260 °C. The
typical soldering profile of Figure 10 can be used.
5.4.1
Rework procedure
Remove the device
Rework process start with the removal of the device. To remove the device, heat must be
applied to melt the solder joints so that the component can be lifted from the board.
Large area bottom side preheaters may be used to raise the temperature of the board. This
may help to minimize warping of the board, and minimize the amount of heat that must be
applied on the component.
Top heating may be applied to the component by using a laser or a convective hot gas
nozzle. Nozzle size must be selected to match the component footprint appropriately. After
top heating has melted the solder, vacuum is applied through the pick-up nozzle, and the
component is lifted from the board.
The heat should be carefully directed at the component to be removed to avoid adjacent
components solder joints being reflowed. Shielding, control of gas flow from the nozzle, and
accurate temperature control are the key parameters.
Removing solder
Next step is cleaning the solder from the work site. Due to space constraints and the need
for accurate temperature control, automatic tools are recommended.
Typically, site cleaners consist of controlled non-contact gas heating and vacuuming tools.
The objective is to remove the residual solder from the site without damaging the pads,
solder masks or adjacent components, and to prepare the site for application of new
component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com