Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4208 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4208 Datasheet HTML 1Page - STMicroelectronics AN4208 Datasheet HTML 2Page - STMicroelectronics AN4208 Datasheet HTML 3Page - STMicroelectronics AN4208 Datasheet HTML 4Page - STMicroelectronics AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2013
DocID023948 Rev 1
1/16
AN4208
Application note
300 µm Flip Chip
package description and recommendations for use
Introduction
This document provides package and usage recommendation information for 300 µm pitch
Flip Chips assembled on board pitch 400 µm. For information on 400 µm Flip Chips, see
Application note AN2348.
The competitive market of portable equipment, notably the mobile phone market, is driven
by a challenging development of highly integrated products. To allow manufacturers of
portable equipment to reduce the dimension of their products, STMicroelectronics has
developed packages with reduced size, thickness and weight in the form of the Flip Chip.
The electrical performance of such components in Flip Chips is improved thanks to shorter
connections than the ones in standard plastic packages (such as TSSOP, SSOP or BGA).
Figure 1. Typical Flip-Chip package
The Flip-Chip package family has been designed to fulfill the same quality levels and the
same reliability performances as standard semiconductor plastic packages. This means
these new Flip-Chip packages should be considered as new surface mount devices which
will be assembled on a printed circuit board (PCB) without any special or additional process
steps required. In particular this package does not require any extra underfill to increase
reliability performances or to protect the device. This package is compatible with existing
pick and place equipment for board mounting. Only lead-free, RoHS compliant Flip Chips
are available in mass production.
This application note addresses the following topics:
 Product description
 Mechanical description
 Packing specifications and labeling description
 Recommended storage and shipping instructions
 Soldering assembly recommendations
 User responsibility and returns
 Changes
 Delivery quantity
 Quality
TM: IPAD is a trademark of STMicroelectronics
B
1
2
A
www.st.com


Similar Part No. - AN4208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
Occasionally the analog signal provided by external sensors require
02-Nov-2011
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN4205 STMICROELECTRONICS-AN4205 Datasheet
884Kb / 23P
The most recent developments in energy savings fit perfectly
19-Apr-2013
AN4206 STMICROELECTRONICS-AN4206 Datasheet
769Kb / 34P
Getting started with STM32F3 series hardware development
25-Feb-2015
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
The STM32F37x series of microcontrollers combines
13-Dec-2012
More results

Similar Description - AN4208

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1580 MOTOROLA-AN1580 Datasheet
126Kb / 4P
MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
logo
Alpha & Omega Semicondu...
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
PACKAGE MARKING DESCRIPTION
logo
STMicroelectronics
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
package description and recommendations for use
19-Oct-2012
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
package description and recommendations for use
19-Oct-2012
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
package description and recommendations for use
10-Dec-2014
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
07-Jul-2014
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
23-Jul-2013
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
Description of WLCSP for microcontrollers and recommendations for use
25-Jun-2014
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
25-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com