Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4208 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics AN4208 Datasheet HTML 11Page - STMicroelectronics AN4208 Datasheet HTML 12Page - STMicroelectronics AN4208 Datasheet HTML 13Page - STMicroelectronics AN4208 Datasheet HTML 14Page - STMicroelectronics AN4208 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID023948 Rev 1
11/16
AN4208
Soldering assembly recommendations
16
Figure 10. ST ECOPACK® recommended soldering reflow profile for Flip Chip
mounting on PCB (definitions)
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damages. Peak temperature must
not exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, specially above 150 °C.
Flip Chips are able to withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus
one additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).
The use of a no-clean paste is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
5.3
Underfilling
Underfilling is not essential for Flip Chips. These devices can do without an underfill if the
process temperature does not exceed 175 °C and if the process time is short (typically 5
minutes).
Table 4. ST ECOPACK® recommended soldering reflow profile for Flip Chip mounting
on PCB (value)
Profile
Value
Typical
Max.
Temp. gradient in preheat (T = 70 – 180 °C)
0.9 °C/s
3 °C/s
Temp. gradient (T = 200 – 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 220 °C
60 s
90 s
Temp. gradient in cooling
-2 to - 3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com