Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1811 Datasheet(PDF) 15 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 11Page - STMicroelectronics UM1811 Datasheet HTML 12Page - STMicroelectronics UM1811 Datasheet HTML 13Page - STMicroelectronics UM1811 Datasheet HTML 14Page - STMicroelectronics UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
DocID026814 Rev 1
15/52
UM1811
G3LIB menu
52
4.3
G3LIB information base attributes description
From the G3LIB menu, a set of attributes may be read and written. These attributes are not
specified by the G3-PLC protocol. Here is a brief description of all those attributes:
Table 2. G3LIB real-time engine information base attributes
Real-time engine attributes
RTEFWVERSION
The real-time engine firmware version
RTEPROTOVERSION
The real-time engine protocol version
RTEDRQUEUESIZE
The number of TX packets that could be handled by the real-time engine
RTETXPACKETCOUNT
The statistical counter of transmitted packet by the real-time engine
RTERXPACKETCOUNT
The statistical counter of correct received packet by the real-time engine
RTEMODE
The real-time engine working mode (0 rt-MAC, 1 PHY-only)
RTECAPABILITIES
Internal use
RTEVALIDATIONTEST
Internal use
Table 3. G3LIB protocol engine information base attributes
Protocol engine attributes
PEFWVERSION
The protocol engine firmware version
PEPROTOVERSION
The protocol engine protocol version
PEDEBUGLEVEL
Debug mode settings
PEMODE
The G3-PLC library working mode (0 PHY, 1 MAC,2 ADP, 3 BOOT)
PEUNUSED
Unused
PECURRENTTIME
Current time in the G3-PLC library
Table 4. PHY layer information base attributes
PHYSICAL layer attributes
PHYCRCERRPKTCOUNT
The statistical counter of the packet received by PHY with error detected by
CRC5
PHYCRCFAILPKTCOUNT
The statistical counter of the packet received by PHY with a correct CRC5 but
with error on the fields range
PHYLASTRCVPKTMODE
Last received mode
PHYISFIXEDDT
The DT field has a fixed value specified by the PHYDTValue attribute (0 - DT
has not the fixed value, 1 - DT has a fixed value)
PHYDTVALUE
The value of the DT field in PHY FCH of the next frames
PHYISFIXEDPDC
PDC has a fixed value specified by the PHYPDCValue attribute (0 - PDC has
not the fixed value, 1 - PDC has a fixed value)
PHYPDCVALUE
The value of the PDC field in PHY FCH of the next frames
PHYRSFAILPKTCOUNT
The statistical counter of the packet received by PHY with errors that can't be
corrected by the Reed-Solomon decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com