Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1811 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics UM1811 Datasheet HTML 46Page - STMicroelectronics UM1811 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
DocID026814 Rev 1
43/52
UM1811
Basic G3 operations
52
10
Basic G3 operations
10.1
Environment setup
Figure 31. Environment setup to perform the basic G3 operations
10.2
Connect Node 1 and 2 on the G3-PLC GUI
The first action to perform with the G3-PLC GUI is to add two nodes. Click on the small
cross on the top of the empty panel twice to open two tabs, as described in Section 3.1 on
page 8.
For the following examples, the Node 1 enhanced Com port is mapped on the COM57 of the
personal computer and the Node 2 enhanced Com port is mapped on the COM59.
10.3
PHY layer data exchange
To be able to execute a PHY command, the Node 1 and 2 working modes need to be set to
the PHY mode, as explained in Section 5 on page 17.
Now the direction of the data flow needs to be defined. Because it is a point-to-point
communication, there must be one node acting as a sender and one acting as a receiver.
The Node 1 may be configured as the sender, and the Node 2 as the receiver.
For the Node 1, as shown in Figure 31, go into the PHY menu / PLME_Control panel (1) to
configure the state of the node. Check the TXON_RXOFF (2) parameter and click on the
PLME_SET_TRX_STATE.Request button (3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com