Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1811 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
BER Test panel
UM1811
40/52
DocID026814 Rev 1
Figure 27. Deactivate Reed-Solomon
In the BER Test panel, the following parameters may be configured:
Pkts: the number of packets to be sent (if 0, the test will end when the STOP button is
pressed)
Delay ms: delay in milliseconds between 2 packets
Payload size: the size of each packet (up to 239 bytes, but based on the transmission
parameters, this could be smaller. 128 bytes is an adequate size).
Once the configuration is done, the user may click the START button to start the BER
session.
The BER Test session ends when the TX Node has transmitted as many packet as
configured or when the user presses the STOP button. During the session, the bit error rate
is computed and displayed in the RX Node area of the TESTLAB panel.
The TX settings may be modified, in the PHY / PLME menu, to test different conditions
(modulation, output level, etc.) as well as the whole setup to perform different tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com