Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1811 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics UM1811 Datasheet HTML 46Page - STMicroelectronics UM1811 Datasheet HTML 47Page - STMicroelectronics UM1811 Datasheet HTML 48Page - STMicroelectronics UM1811 Datasheet HTML 49Page - STMicroelectronics UM1811 Datasheet HTML 50Page - STMicroelectronics UM1811 Datasheet HTML 51Page - STMicroelectronics UM1811 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
DocID026814 Rev 1
49/52
UM1811
Basic G3 operations
52
10.5
ADP layer data exchange
To be able to execute an ADP command, the Node 1 and 2 working modes need to be set to
the ADP mode, as explained in Figure 18 on page 30.
To be able to send data at the ADP level, the macPANId and macShortAddress attributes
need to be configured for both nodes as in the MAC layer scenario (Section 10.4 on page
45).
The 6LoWPAN layer uses data encryption by default; so the MAC layer of the two nodes
needs to be configured with the same security keys.
In this scenario, the following key is used: [AF4D6DCCF14DE7C1C4235E6FEF6C151F],
as show in Figure 40. To configure it, go into the MAC / MLME_IB menu (1). In the list of
attributes for the set command, select the attribute macKeyTable (2). Then, enter the
security key in the Text area (3), leave the Index set to 0 and click on the MLME-
SET.Request button (4).
Figure 41. Configure Node 1 GMK
The same sequence needs to be repeated for the Node 2.
Once the security key has been configured for both nodes, data can be sent at the ADP
layer. The ADPD-DATA.Request command is available in the ADP root panel. No
destination PANId/macShortAddress needs to be entered at the ADP level, as the message
is an IPv6 packet that already contains the source and destination addresses. The IPv6
packet must be correctly formatted to perform the data exchange.
As a reference, the following is a working configuration for this test scenario, shown in
Figure 41:
Node 1
–
Short address: 002A
–
PANId: 781D
–
Key entry : AF4D6DCCF14DE7C1C4235E6FEF6C151F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com