Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN880 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics AN880 Datasheet HTML 11Page - STMicroelectronics AN880 Datasheet HTML 12Page - STMicroelectronics AN880 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
line voltage VDC is applied when the oscillator
starts. The ballast has to start directly with its
nominal conditions to remove any transient oscil-
lation. Hence the operation runs in ZVS mode
with no spurious lamp ignition. This situation does
not occur with the saturable transformer drive, be-
cause the saturation limits naturally the current by
increasing the frequency.
In the example the resonant capacitors are pre-
set to be compatible with the choke current rise
(see figure 19). The blocking capacitor is pre-
charged to approximately half VDC by 2 biasing
resistors, and the lower Mosfet also discharges
the resonant capacitor to ground (see figure 20).
Therefore the blocking capacitor never goes
above 2/3 of the line voltage VDC (250V rating),
the operation is safe in ZVS mode. The L6569 is
here preferred to the L6569A, because the lower
Mosfet is on at power-up.
The lamp removal protection
Used in TL ballast, the lamp removal protection is
frequently also requested in the "plug-in" CFL bal-
last . Depending of the topology and the preheat
mode, the lamp removal behaves as:
- a noload resonant mode when the choke and
the capacitor are still connected to the in-
verter ; a required overcurrent protection in-
creases the frequency to reduce the current;
- an open circuit mode when the lamp filaments
are inserted in the resonant circuit.
When the circuit is open, the choke is not sup-
plied. The MOSFETs turn off slowly generating
bridge cross conduction, and undesirable dissipa-
tion losses (see figure 21). The detection stops
the switching to eliminate the cross conduction.
5
µs/dv ; 50 V/dv ; 0.5 A/dv
GND
GND
I I
VB
VBI
IDEAL INITIAL TIME
Figure 19: Waveforms of the choke current and
the capacitor voltages in steady state
preheat.
I I
VB
VBI
100 nF
4nF
ON
L6569
VS<UVLO
2.4 mH
2 x 180 k
Ω
Figure 20: Configuration of the resonant network during the initialization of the driver.
100 ns/dv ; 50 V/dv ; 5V/dv ; 1 A/dv
GND
VD
GND
GND
VGS
ID
ID= 2 A peak
Figure 21: Drain current and voltage STP8NA50
MOSFET operating with noload.
AN880 APPLICATION NOTE
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com