Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN880 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 1 Page - STMicroelectronics

  AN880 Datasheet HTML 1Page - STMicroelectronics AN880 Datasheet HTML 2Page - STMicroelectronics AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
THE L6569: A NEW HIGH VOLTAGE IC DRIVER FOR
ELECTRONIC LAMP BALLAST
by G. Calabrese and T. Castagnet
INTRODUCTION
Electronic lamp ballasts are now popular in both
consumer and industrial lighting. They offer power
saving, flicker free operation and reduced sizes.
Improvements to the light control and cost reduc-
tion of the ballast will broaden their market accep-
tance.
Today designers focus on reducing the cost of the
ballast, but also work to add features to the bal-
last like saving energy by dimming the light, or in-
creasing the life time with better preheat and pro-
tections. Such requirements have contributed to
the development of dedicated high voltage con-
trollers like the L6569, which are able to drive the
floating transistor of a symmetric half bridge in-
verter. This device is a simple, monolithic oscilla-
tor-half bridge driver that allows quick design of
the ballast.
HIGH VOLTAGE IC DRIVERS IN BALLAST AP-
PLICATIONS
The voltage fed half bridge
Voltage fed series resonant half bridge inverters
are currently used for Compact Fluorescent Lamp
ballasts (CFL), for Halogen Lamp transformers,
and for many European Tube Lamp (TL) ballasts.
This simple converter is preferred for new de-
signs, because it minimizes the off state voltage
of the power transistors to the peak line voltage,
and requires only one resonant choke. In addition
this choke protects the half bridge against short
circuits across lamp terminals. However overheat-
ing and overcurrent occur during open load op-
eration. The inverter robustness must be im-
proved, or some protections are required.
The half bridge inverter operates in Zero Voltage
Switching (ZVS) resonant mode [1], to reduce the
transistor switching losses and the electromag-
netic interference generated by the output wiring
and the lamp.
Fully integrated ballast controllers
By varying the switching frequency, the half
bridge inverter is able to modulate the lamp
power. However most current designs use a sin-
gle frequency with a saturable pulse transformer
(see fig. 1) to drive the transistors. This type of
design has a higher component count, a higher
tolerance on the switching frequency, and it can-
not adjust the lamp power.
The only way to design a cost effective, compact
and smart control of the lamp is to use a dedi-
cated I.C. that is able to drive the upper transistor
of an symmetric half bridge inverter. Such control-
lers require a high voltage capability for the float-
ing transistor driver [2]. MOSFETs are preferred
over Bipolar transistors as power switches be-
cause their gate driver requires a lower supply
current and a smaller silicon size [3].
February 2003
®
Figure 1: CFL series resonant half bridge inverter.
2
µs/dv ; 50 V/dv ; 0.1 A/dv
ID
VDS
RF
LVG
GND
GND
GND
Figure 2: Current and voltage of the STD3NA50
MOSFETs when driven in ZVS with
the L6569.
AN880
APPLICATION NOTE
1/14


Similar Part No. - AN880

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN880 PANASONIC-AN880 Datasheet
192Kb / 14P
THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
AN8806SB PANASONIC-AN8806SB Datasheet
89Kb / 10P
Three-Beam Method Head Amplifier IC for CD Player
logo
List of Unclassifed Man...
AN8806SB ETC2-AN8806SB Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN8807 PANASONIC-AN8807 Datasheet
90Kb / 10P
Three-Beam Method Head Amplifier IC for CD-ROM
AN8807SB PANASONIC-AN8807SB Datasheet
90Kb / 10P
Three-Beam Method Head Amplifier IC for CD-ROM
More results

Similar Description - AN880

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
logo
Supertex, Inc
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
Infineon Technologies A...
ICB2FL01G INFINEON-ICB2FL01G Datasheet
992Kb / 56P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 May 2010
ICB1FL02G INFINEON-ICB1FL02G_08 Datasheet
1Mb / 37P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
2008-09 V 2.1
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
Panasonic Semiconductor
EVAL6569 PANASONIC-EVAL6569 Datasheet
192Kb / 14P
THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
Infineon Technologies A...
ICB1FL01G INFINEON-ICB1FL01G Datasheet
998Kb / 38P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.5, June 2005
logo
Supertex, Inc
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com