Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN880 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics AN880 Datasheet HTML 11Page - STMicroelectronics AN880 Datasheet HTML 12Page - STMicroelectronics AN880 Datasheet HTML 13Page - STMicroelectronics AN880 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
The resonant choke
The inductance of the choke is 2.4 mH with a
minimum saturation current of 0.65 A. In the prac-
tical example it has been done with:
Core: Thomson LCC E2006 material B4;
Air gap: 2 spacers of 0.4 mm each (total 0.8 mm);
AL = 75 nH;
Bobbin: HC2006BA-06;
Number of turns: 175;
Measured saturation current: 1 A peak @ 25 °C;
Customization of the board
Some flexibility is added to the board to extend its
evaluation. The MOSFETs have two foot prints to
mount either I-PAK or TO220 packages. And two
choke footprints are also avalaible for E1905A
and E2006A magnetic cores.
Figure 24: PCB Layout of the board.
Figure 25: PCB component placement diagram.
Comp.
Side
Copper
Side
AN880 APPLICATION NOTE
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com