Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1059 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1059
Description  DESIGN EQUATIONS OF HIGH-POWER-FACTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1059 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1059 Datasheet HTML 2Page - STMicroelectronics AN1059 Datasheet HTML 3Page - STMicroelectronics AN1059 Datasheet HTML 4Page - STMicroelectronics AN1059 Datasheet HTML 5Page - STMicroelectronics AN1059 Datasheet HTML 6Page - STMicroelectronics AN1059 Datasheet HTML 7Page - STMicroelectronics AN1059 Datasheet HTML 8Page - STMicroelectronics AN1059 Datasheet HTML 9Page - STMicroelectronics AN1059 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
This function, shown in fig. 4a for different values of Kv, is a periodic even function, at twice line fre-
quency, not negative because of the bridge rectifier. Conversely, the current drawn from the mains will
be the "odd counterpart" of (6), at line frequency, as shown in fig. 4b).
Actually, it is realistic to think that a filtering action eliminates the switching frequency component of the
current upstream the rectifier bridge, so that the mains "can see" only the average value. This current
would be sinusoidal for Kv = 0 but will be distorted from an ideal sinusoid so much as Kv increases.
Since Kv cannot be zero (which would require the reflected voltage to tend to infinity), flyback topology
does not permit unity power factor even in the ideal case, unlike boost topology.
In order to simplify the following calculations, it is possible to eliminate the absolute value from | sin (
θ)|
by considering
θ ∈ [0 , π] and assuming the various functions to be either even or odd by definition, de-
pending on their physical role.
The input power Pin will be calculated by averaging the product Vin(
θ) • Iin(θ) over a line half-cycle:
Pin
= Vin (θ) ⋅ Iin (θ)
____________
=
1
2
⋅ VPK ⋅ IPKp ⋅
sin
2
(θ)
1
+ Kv ⋅ sin (θ)
(7).
It is now advantageous to introduce the following function:
F2
(x) =
sin
2
(θ)
1
+ x ⋅ sin (θ)
=
1
π
⋅
∫
o
π
sin
2
(θ)
1
+ x ⋅ sin (θ)
d
θ (8),
whose diagram as a function of the variable x is shown in fig. 5.
Although a closed form exists for the integral in (8),
it is not so handy, thus for practical use it is more
convenient to provide a "best fit" approximation:
F2
(x) ≈
0.5
+ 1.4 ⋅ 10−3 ⋅ x
1
+ 0.815 ⋅ x
.
From (7), taking (8) into account, it is possible to
calculate IPKp:
IPKp
=
2
⋅ Pin
VPK
⋅ F2(Kv)
,
which will assume its maximum value at minimum
mains voltage.
The total RMS value of the primary current, useful for power loss estimate on the primary side, is calcu-
lated considering the RMS value of each triangle of Ip(t) and averaging over a line half-cycle:
IRMSp
=
√
1
3
⋅ Ipkp
2
(θ) ⋅ D = IPKp ⋅
√
1
3
⋅
sin
2
(θ)
1
+ Kv ⋅ sin(θ)
= IPKp ⋅
√
F2
(Kv)
3
(9).
The DC component of the primary current, useful to discriminate DC and AC losses in the transformer, is
the average value of Iin(
θ) over a line half-cycle:
IDCp
= Iin(θ)
_____
=
1
2
⋅ IPKp ⋅
sin
(θ)
1
+ Kv ⋅ sin(θ)
(10).
Considering the following function:
F1
(x) =
sin
(θ)
1
+ x ⋅ sin (θ)
=
1
π
⋅
∫
o
π
sin
(θ)
1
+ x ⋅ sin (θ)
d
θ,
0123
456
789
10
0
0.1
0.2
0.3
0.4
0.5
F2( )
x
x
Figure 5. High-PF Flyback characteristic
functions: F2(x) diagram
AN1059 APPLICATION NOTE
6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com