Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1059 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1059
Description  DESIGN EQUATIONS OF HIGH-POWER-FACTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1059 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1059 Datasheet HTML 9Page - STMicroelectronics AN1059 Datasheet HTML 10Page - STMicroelectronics AN1059 Datasheet HTML 11Page - STMicroelectronics AN1059 Datasheet HTML 12Page - STMicroelectronics AN1059 Datasheet HTML 13Page - STMicroelectronics AN1059 Datasheet HTML 14Page - STMicroelectronics AN1059 Datasheet HTML 15Page - STMicroelectronics AN1059 Datasheet HTML 16Page - STMicroelectronics AN1059 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Closing the Control Loop
The control loop of a high-PF flyback converter based on the L6561, can be synthesised as in the block
diagram of fig. 13.
Unlike conventional converters, in such regulators the control loop will have quite a narrow bandwidth so
as to maintain VCOMP fairly constant over a given line cycle, as assumed at the beginning. This will en-
sure a high PF. On the other hand, it is not possible to achieve a very high PF (>0.99), thus it makes no
sense to have a very narrow bandwidth (<20 Hz) like in boost PFC preregulators. This would degrade
the transient response to line and load changes without any benefit. A compromise will then be found
between these two contrasting terms.
To the aim of deriving the transfer functions of the blocks in fig. 13, the narrow bandwidth of the control
loop allows to assume that the control action takes place on the peak amplitude of the various quantities.
The error amplifier (E/A) of the L6561 is compensated as illustrated in fig. 14. The transfer function
G1(s) will be then:
G1
(s) =
∆VCOMP
∆VE
= −
R7
R6
⋅
1
+ s ⋅ (C2 ⋅ R8)
1
+ s ⋅ [C2 ⋅ (R7 + R8)]
.
ERROR AMPLIFIER
MULTIPLIER
POWER STAGE
FEEDBACK
+
-
G1(s)
G2(s)
G4(s)
H(s)
Vref
Vout
Vcomp
PWM MODULATOR
G3(s)
IPKp
+
-
Vin
ZCD
Vcx
Ve
Figure 13. Block Diagram of the Control Loop of an L6561 - based high-PF flyback.
COMP
INV
2.5V
E/A
+
_
L6561
C2
R7
R6
TO MULTIPLIER
R8
Figure 14. Compensation of the Error Amplifier.
AN1059 APPLICATION NOTE
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com