Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1059 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1059
Description  DESIGN EQUATIONS OF HIGH-POWER-FACTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1059 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1059 Datasheet HTML 1Page - STMicroelectronics AN1059 Datasheet HTML 2Page - STMicroelectronics AN1059 Datasheet HTML 3Page - STMicroelectronics AN1059 Datasheet HTML 4Page - STMicroelectronics AN1059 Datasheet HTML 5Page - STMicroelectronics AN1059 Datasheet HTML 6Page - STMicroelectronics AN1059 Datasheet HTML 7Page - STMicroelectronics AN1059 Datasheet HTML 8Page - STMicroelectronics AN1059 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
INTRODUCTION
Three different configurations that an L6561-based
flyback converter can assume have been identified.
They are illustrated in fig. 1.
Configurations a) and b) are basically conventional
flyback converters. The former works in TM (Transi-
tion Mode, i.e. on the boundary between continuous
and discontinuous inductor current mode), therefore
at a frequency depending on both input voltage and
output current. The latter works at a fixed frequency,
imposed by the synchronisation signal, and is there-
fore completely equivalent to a flyback converter
based on a standard PWM controller.
Configuration c), which most exploits the aptitude of
the L6561 for performing power factor correction,
works in TM too but quite differently: the input ca-
pacitance is so small that the input voltage is very close to a rectified sinusoid. Besides, the control loop
has a narrow bandwidth so as to be little sensitive to the twice mains frequency ripple appearing at the
output.
September 2003
®
AN1059
APPLICATION NOTE
DESIGN EQUATIONS OF HIGH-POWER-FACTOR
FLYBACK CONVERTERS BASED ON THE L6561
by Claudio Adragna
Despite specific for Power Factor Correction circuits using boost topology, the L6561 can be suc-
cessfully used to control flyback converters. Among the various configurations that an L6561-based
flyback converter can assume, the high-PF one is particularly interesting because of both its peculiar-
ity and the advantages it is able to offer. AC-DC adapters for mobile or office equipment, off-line bat-
tery chargers and low-power SMPS are the most noticeable examples of application that this configu-
ration can fit.
This paper describes the equations governing such a kind of flyback converter with the aim of provid-
ing a number of relationships useful to the system designer.
VCC
ZCD
GD
L6561
Vac
CBULK
OPTO
+
TL431
Vout
DISABLE
Figure 1a. TM Flyback Configuration
VCC
ZCD
GD
L6561
Vac
CBULK
OPTO
+
TL431
SYNCH
Vout
DISABLE
Figure 1b. Synchronised Flyback Configuration
VCC
ZCD
GD
L6561
Vac
CIN
INV
OPTO
+
TL431
(BW<100 Hz)
Vout
COMP
DISABLE
MULT
Figure 1c. High-PF Flyback Configuration
1/20


Similar Part No. - AN1059

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN105 VISHAY-AN105 Datasheet
95Kb / 7P
FETS AS VOLTAGE-CONTROLLED RESISTORS
10-Mar-97
logo
STMicroelectronics
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
This application note explains how to use the VIPER20
Feb-1999
logo
NXP Semiconductors
AN10579 PHILIPS-AN10579_15 Datasheet
135Kb / 16P
Driving LED light bars using NXP solutions
Rev. 01-1 February 2007
AN10580 PHILIPS-AN10580_15 Datasheet
111Kb / 11P
GreenChip TEA1761 synchronous rectification and feedback controller
Rev. 01-19 March 2008
More results

Similar Description - AN1059

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7527 SILAN-SA7527 Datasheet
263Kb / 8P
POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
Design of Power Factor Correction
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
Design of Power Factor Correction Circuit
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
Design of Power Factor Correction Circuit
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
logo
STMicroelectronics
AN2874 STMICROELECTRONICS-AN2874 Datasheet
82Kb / 6P
BQD filter design equations
16-Feb-2009
AN1214 STMICROELECTRONICS-AN1214 Datasheet
77Kb / 6P
DESIGN TIPS FOR L6561 POWER FACTOR CORRECTOR
Dec-2000
logo
Freescale Semiconductor...
LS2085A FREESCALE-LS2085A Datasheet
289Kb / 2P
1U form-factor tool for evaluation and design of value-added networking applications
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
Power Factor Controller IC for High Power Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com