Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN827 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 5Page - STMicroelectronics AN827 Datasheet HTML 6Page - STMicroelectronics AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
AN827 APPLICATION NOTE
Pin 3 OVP (Overvoltage protection input)
The overvoltage protection trip level is determined by the voltage divider across the output bulk capacitor, C6.
The resistor values R11, R21 and R22 are calculated as follows:
Where
∆Vout = 47V is the maximum overvoltage limit.
The overvoltage limit selection is dependent upon the voltage rating of the output bulk capacitor (450VDC) and
the power mosfet (500BVdss). Care must be taken that the level is not set too low, thus causing false tripping
of the OVP.
Pin 4 IAC (AC current input)
This pin must be connected through resistors R1 and R2 to the rectified line to drive the multiplier with a current
IIAC proportional to the instantaneous line voltage as shown below:
Thus IIAC ranges from 77µA to 231µA. The relationship between IIAC and multiplier output current, Imult, is de-
scribed in section Pin 8 (MULTOUT).
Pin 5 CA-OUT (Current amplifier output)
The current amplifier output delivers its signal to the PWM comparator. An external network defines the suitable
loop gain to process the multiplier output and the inductor current signals. To avoid oscillation problems, the
maximum inductor downslope (Vout/L) must be lower than the oscillator ramp-slope (Vsrp*fsw). The current am-
plifier high frequency gain can be described as follows:
Where:
Vsrp = 5.0V is the oscillator ramp peak-peak voltage
Gca is the current amplifier gain
fsw = 80kHz is the switching frequency
Rsense = 0.033Ω is the parallel combination of R30-32
Thus, use R14=R16=2.7k, and R15=36K.
To define the value of the compensation capacitor, C9, it is useful to consider the open loop current gain, defined
by the ratio of the voltage across the sense resistor and the current amplifier output voltage. The crossover fre-
quency is given by the following equation:
To ensure a good phase margin, the zero frequency, fz, should equal approximately fc/2.
R21
R22
+
R11
-----------------------------
V
out
∆V
out
+
V
ref
---------------------------------
1
400
47
+
5.1
-----------------------
1
909k
909k
+
21k
---------------------------------
=
–
=
–
=
I
IAC 88 V
()
V
i npk
R1
R2
+
----------------------
288
⋅
806k
806k
+
---------------------------------
77
µA
==
=
I
IA C 264 V
()
2264
⋅
806k
806k
+
---------------------------------
231
µA
==
G
ca
R15
R14
-----------
1
V
sr p
f
SW
L
⋅⋅
V
out
R
sens e
⋅
----------------------------------
5.0 80k 0.5m
⋅⋅
400 0.033
⋅
-----------------------------------------
=
≤
+
=
f
c
f
sw
2
π
⋅
-----------
80k
2
π
⋅
-----------
12.7kHz
===



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com