Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN827 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics AN827 Datasheet HTML 14Page - STMicroelectronics AN827 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
AN827 APPLICATION NOTE
Where:
Vva-out = Error amplifier output voltage range
Vlff = Vref = 5.1V if not used for load feed-forward
Vrms = Voltage at pin 7
IIAC = Input current at pin 4
To optimize the multiplier biasing for each application, the relationships between Imult and other input signals
are reported in the
Designing A High Power Factor Switching Preregulator With The L4981 Continuous Mode
Application Note [1], Figures 13a-13h.
Pin 9 ISENSE (Current amplifier inverting input)
This pin is the current amplifier inverting input. It is externally connected to the network described at CA-OUT
(pin 5). Note that R14=R16=2.7k have the same value because of the high impedance feedback network. The
sense resistors, R30-R32, have a combined resistance of 0.033 ohms. The low value is chosen to minimize the
power losses since the total Inductor current flows through this resistor. The value must be large enough to pro-
vide a good signal to noise ratio signal to the current amplifier.
Pin 10 SGND (Signal ground)
This pin should be connected close to the reference voltage filter capacitor (C7). Refer to Figure 3, 500 Watt
Demoboard printed circuit board layout.
Pin 11 VREF (Voltage reference)
An external capacitor filter of 1
µF, C7, should be connected from pin 11 (Vref) to ground. This reference voltage
of 5.1V is externally available and can deliver up to 10mA for external circuit needs such as the fast start-up
power supply circuit as described in Pin 19.
Pin 12 SS (Soft start)
This feature avoids current overload through the power mosfet during the ramp-up of the output boosted volt-
age. An internal switch discharges the capacitor if an output overvoltage (OVP) or a VCC undervoltage (UVLO)
is detected. The voltage at the soft-start pin acts on the output of the error amplifier and the soft start time is
calculated as follows:
Where:
Css = C8 = 1
µF
Vva-out = 5.1V is the typical error amplifier voltage swing
Iss is the internal soft start current generator
t
ss
C
ss
V
va
out
–
I
ss
---------------------
1
µF
5.1 V
100
µA
------------------
51 ms
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com