Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN827 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics AN827 Datasheet HTML 14Page - STMicroelectronics AN827 Datasheet HTML 15Page - STMicroelectronics AN827 Datasheet HTML 16Page - STMicroelectronics AN827 Datasheet HTML 17Page - STMicroelectronics AN827 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AN827 APPLICATION NOTE
14/20
EMI/RFI FILTER
The harmonic content measurement was made with the EMI/RFI filter interposed between the AC source and
the demoboard under test, while the efficiency has been calculated without the filter contribution.
Figure 1. EMI/RFI Test Filter
Part List of the Figure 2
Part Des.
Description
Vendor’s Part #
Fuse F1
Fuse, 3AG Fast Acting 10A, 250VAC
Digi-Key #F127-ND
Fuse Clip
3AG Fuse Clips
Digi-Key #F048-ND
C1
Met. Poly. Film Cap., 0.22
µF, 100V Panasonic ECQ-E1224KF
Digi-Key #EF1224
C2
Met. Poly. Film Cap., 0.22
µF, 100V Panasonic ECQ-E1224KF
Digi-Key #EF1224
C3
Met. Poly. Film, .68uF, 250VAC, Panasonic ECQU2A684MV
Digi-Key #P4615-ND
C4
Polyester Cap., .001
µF, 50V, Panasonic ECQ-B1H102JF
Digi-Key #P4551-ND
C5
Polyester Cap., .012
µF, 50V Panasonic ECQ-B1H123JF
Digi-Key #P4583-ND
C6
Alum. Electrolytic Cap., 330
µF, 450VDC, 85°C
Digi-Key#P6443-ND
C7
Electrolytic Cap., 1.0
µF, 63V, Panasonic ECE-A1JU010,85°C
Digi-Key #P6275-ND
C8
Electrolytic Cap., 1.0
µF, 63V, Panasonic ECE-A1JU010,85°C
Digi-Key #P6275-ND
C9
Polyester Cap. 680pfd., 50V, Panasonic ECQ-B1H681JF
Digi-Key # P4580-ND
C10
Met. Poly. Film Cap., 0.22
µF, 100V Panasonic ECQ-E1224KF
Digi-Key #EF1224
C11
Ceramic Capacitor, 820pfd.,1000VDC
Digi-Key #P4127-ND
C12
Electrolytic Cap., 220
µF, 25V,Panasonic ECE-A1EU101,85°C
Digi-Key #P6240-ND
D1
Diode Bridge, 600V, 25A
Digi-Key #MB256-ND
D2
STTA806D/DI,, 600V, 8A, Isolated TO220AC Package
STMicroelectronics STTA806D/DI
D3
Switching Diode, 1N4148, 100V
Digi-Key #1N4148CT-ND
D4
Fast Recovery Diode, STTB406, 600V, 4A
STMicroelectronics STTB406
D5
Zener Diode, 22V, 1/2W, DO-35 Package
Digi-Key #1N5251BCT-ND
D6
Zener Diode, 18V, 1/2W, DO-35Package
Digi-Key #1N5248BCT-ND
D7
Fast Recovery Rectifier Diode, 100V, 1.5A
STMicroelectronics BYW-100-100
D8
Fast Recovery Rectifier Diode, 100V, 1.5A
STMicroelectronics BYW-100-100
D9
Fast Recovery Rectifier Diode, 100V, 1.5A
STMicroelectronics BYW-100-100
D10
Fast Recovery Rectifier Diode, 100V, 1.5A
STMicroelectronics BYW-100-100
R1
Metal Film Res., 806K, 1/4W, 1%
Digi-Key #806KXBK-ND
R2
Metal Film Res., 806K, 1/4W, 1%
Digi-Key #806KXBK-ND
R3
Carbon Film Res., 33K, 1/4W, 5%
Digi-Key #33KQBK-ND
C1
D94IN052
T1
T2
C
LINE
PFC
EARTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com