Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN827 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics AN827 Datasheet HTML 14Page - STMicroelectronics AN827 Datasheet HTML 15Page - STMicroelectronics AN827 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AN827 APPLICATION NOTE
12/20
Pin 13 Vva-out (Error amplifier output)
To ensure system stability, the compensation network must be designed with sufficient phase margin. Addition-
ally, the system must not regulate the twice mains frequency output ripple voltage in order to avoid line current
distortion. The compensation capacitor, C10, can be calculated as follows:
Where:
R9 + R10 are the resistors from the output voltage feedback resistor divider
Gea is the small signal gain of the error amplifier
∆Vout is the maximum output voltage ripple
Ka =
for 50Hz and
for 60Hz mains frequency
, therefore use standard value 220nF
The voltage open loop gain contains two poles at the origin, causing stability problems. This can be avoided by
shifting the error amplifier pole from the origin to near the crossover frequency. This can be accomplished by
placing a resistor, R19, in parallel with the compensation capacitor, C10. The crossover frequency is calculated
as follows:
Use R19 = 120k to increase error amplifier dc gain.
Pin 14 VFEED (Error amplifier input)
This pin is the error amplifier inverting input. This pin is connected to the resistor divider connected across the
boosted output voltage to provide regulation. The boosted output voltage is specified at 400VDC. The resistor
divider network is calculated as follows:
Use R9 = R10 = 412k
Pin 15 P-UVLO (Programmable supply undervoltage threshold)
This pin may be used to modify the turn-on and turn-off power supply thresholds. This circuit does not employ
this feature and the pin is left floating. The typical turn-on threshold is 15.5V and the turn-off threshold is 10V.
Pin 16 SYNC (In/Out synchronization)
This function allows for synchronization in master or slave mode with other circuits in the system. This demo-
board does not use this function and the pin is left floating.
Pin 17 ROSC (Oscillator resistor)
C10
1
4
π f
main s
R9
R10
+
() G
ea
⋅⋅
⋅
⋅
---------------------------------------------------------------------------------
K
a
∆V
out
R9
R10
+
--------------------------
=
>
1
60
------
1
72
------
C
10
1
60
------
8
824k
-------------
162nF
=
⋅
>
f
c
P
out
V
out
∆V
ea
2
π C
out
⋅⋅
⋅
---------------------------------------------------------


1
2
π R9 R10
+
() C10
⋅⋅
----------------------------------------------------------


500
400 3.82 2
π 330πF
⋅⋅
⋅
------------------------------------------------------------


1
2
π 824k 220nF
⋅⋅
-----------------------------------------------


11.77Hz
==
=
R9
R10
+
R20
--------------------------
824k
10.6k
---------------
V
out
V
ref
-----------
1
400
5.1
----------
1
–
=
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com