Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1330 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 4Page - STMicroelectronics AN1330 Datasheet HTML 5Page - STMicroelectronics AN1330 Datasheet HTML 6Page - STMicroelectronics AN1330 Datasheet HTML 7Page - STMicroelectronics AN1330 Datasheet HTML 8Page - STMicroelectronics AN1330 Datasheet HTML 9Page - STMicroelectronics AN1330 Datasheet HTML 10Page - STMicroelectronics AN1330 Datasheet HTML 11Page - STMicroelectronics AN1330 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Functional description
AN1330
8/31
Figure 6.
Oscillator circuit block diagram
2.4
Current protection
The L5970D has two types of current limit protection: pulse-by-pulse and frequency
foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 7. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and if reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. Since the minimum switch ON time (necessary to
avoid a false overcurrent signal) is too short to obtain a sufficiently low duty cycle at 250
kHz, the output current, in strong overcurrent or short circuit conditions, could increase
again. For this reason the switching frequency is also reduced, thus keeping the inductor
current under its maximum threshold. The Frequency Shifter (Figure 6) functions based on
the feedback voltage. As the feedback voltage decreases (due to the reduced duty cycle),
the switching frequency decreases also.
Figure 7.
Current limitation circuitry
2.5
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
FREQUENCY
SHIFTER
CLOCK
GENERATOR
RAMP
GENERATOR
SYNCHRONIZATOR
CLOCK
RAMP
Ibias_osc
SYNC
t
AM00007v1
FREQUENCY
SHIFTER
CLOCK
GENERATOR
RAMP
GENERATOR
SYNCHRONIZER
DRIVER
NOT
A1
PWM
VCC
OUT
A1/A2=95
IL
RSENSE
AM00008v1
IOFF
I
I
RTH
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com