Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1330 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1330 Datasheet HTML 1Page - STMicroelectronics AN1330 Datasheet HTML 2Page - STMicroelectronics AN1330 Datasheet HTML 3Page - STMicroelectronics AN1330 Datasheet HTML 4Page - STMicroelectronics AN1330 Datasheet HTML 5Page - STMicroelectronics AN1330 Datasheet HTML 6Page - STMicroelectronics AN1330 Datasheet HTML 7Page - STMicroelectronics AN1330 Datasheet HTML 8Page - STMicroelectronics AN1330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN1330
Pin functions
5/31
1
Pin functions
1.1
Pin description
1.2
Block diagram
Figure 4.
Block diagram
Table 1.
Pin description
N.
Name
Description
1
OUT
Regulator output
2
SYNC
Master/slave synchronization. When open, a signal synchronous with the turn-OFF of
the internal power is present. When connected to an external signal at a frequency
higher than the internal one, then the device is synchronized by the external signal.
Connecting the SYNC pins of two devices, the one with the higher frequency works as
master and the other one works as slave.
3INH
A logical signal (active high) disables the device. With an IHN higher than 2.2 V the
device is OFF and with an INH lower than 0.8 V, the device is ON.
If INH is not used the pin must be grounded. When it is open, an internal pull-up
disables the device.
4
COMP E/A output to be used for frequency compensation
5FB
Step-down feedback input. Connecting the output voltage directly to this pin results in
an output voltage of 1.235 V. An external resistor divider is required for higher output
voltages (the typical value for the resistor connected between this pin and ground is
4.7 k).
6VREF
Reference voltage of 3.3 V. No filter capacitor is needed for stability
7
GND
Ground
8VCC
Unregulated DC input voltage.
INHIBIT
VOLTAGES
MONITOR
PEAK TO PEAK
CURRENT LIMIT
THERMAL
SHUTDOWN
E/A
PWM
1.235V
+
-
-
+
OSCILLATOR
D
Ck
Q
FREQUENCY
SHIFTER
TRIMMING
SUPPLY
1.235V
3.5V
DRIVER
VREF
BUFFER
LPDMOS
POWER
FB
SYNC
COMP
INH
VREF
GND
OUT
VCC
AM00003v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com