Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1330 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 7Page - STMicroelectronics AN1330 Datasheet HTML 8Page - STMicroelectronics AN1330 Datasheet HTML 9Page - STMicroelectronics AN1330 Datasheet HTML 10Page - STMicroelectronics AN1330 Datasheet HTML 11Page - STMicroelectronics AN1330 Datasheet HTML 12Page - STMicroelectronics AN1330 Datasheet HTML 13Page - STMicroelectronics AN1330 Datasheet HTML 14Page - STMicroelectronics AN1330 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN1330
Additional features and protection
11/31
3
Additional features and protection
3.1
Feedback disconnection
If the feedback is disconnected, the duty cycle increases towards the maximum allowed
value, bringing the output voltage close to the input supply. This condition could destroy the
load.
To avoid this hazardous condition, the device is turned OFF if the feedback pin is left
floating.
3.2
Output overvoltage protection
Overvoltage protection, or OVP, is achieved by using an internal comparator connected to
the feedback, which turns OFF the power stage when the OVP threshold is reached. This
threshold is typically 30% higher than the feedback voltage.
When a voltage divider is required to adjust the output voltage (Figure 14), the OVP
intervention will be set at:
Equation 1
Where R1 is the resistor connected between the output voltage and the feedback pin, and
R2 is between the feedback pin and ground.
3.3
Zero load
Due to the fact that the internal power is a PDMOS, no bootstrap capacitor is required and
so the device works properly even with no load at the output. In this condition it works in
burst mode, with random burst repetition rate.
V
OVP
1.3
R
1
R
2
+
R
2
----------------------
•
V
FB
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com