Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1330 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 5Page - STMicroelectronics AN1330 Datasheet HTML 6Page - STMicroelectronics AN1330 Datasheet HTML 7Page - STMicroelectronics AN1330 Datasheet HTML 8Page - STMicroelectronics AN1330 Datasheet HTML 9Page - STMicroelectronics AN1330 Datasheet HTML 10Page - STMicroelectronics AN1330 Datasheet HTML 11Page - STMicroelectronics AN1330 Datasheet HTML 12Page - STMicroelectronics AN1330 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN1330
Functional description
9/31
reference (1.235 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage. The output (COMP) is connected to the external compensation
network. The uncompensated error amplifier has the following characteristics:
The error amplifier output is compared with the oscillator sawtooth to perform PWM control.
2.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals
generating the PWM signal for the driving stage.
The power stage is a highly critical block, as it functions to guarantee a correct turn ON and
turn OFF of the PDMOS. The turn ON of the power element, or more accurately, the rise
time of the current at turn ON, is a very critical parameter. At a first approach, it appears that
the faster the rise time, the lower the turn ON losses. However, there is a limit introduced by
the recovery time of the recirculation diode.
In fact, when the current of the power element is equal to the inductor current, the diode
turns OFF and the drain of the power is able to go high. But during its recovery time, the
diode can be considered a high value capacitor and this produces a very high peak current,
responsible of many problems:
●
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitics
●
Turn ON overcurrent leads to a decrease in the efficiency and system reliability
●
Major EMI problems
●
Shorter freewheeling diode life
The fall time of the current during the turn OFF is also critical, as it produces voltage spikes
(due to the parasitic elements of the board) that increase the voltage drop across the
PDMOS.
In order to minimize these problems, a new driving circuit topology has been used and the
block diagram is shown in Figure 8. The basic idea is to change the current levels used to
turn the power switch ON and OFF, based on the PDMOS and the gate clamp status.
This circuitry allows the power switch to be turned OFF and ON quickly and addresses the
freewheeling diode recovery time problem. The gate clamp is necessary to avoid that VGS of
the internal switch goes higher than VGSmax. The ON/OFF Control block protects against
any cross conduction between the supply line and ground.
Table 2.
Uncompensated error amplifier characteristics
Description
Values
Transconductance
2300 µS
Low frequency gain
65 dB
Minimum sink/source voltage
1500 µA/300 µA
Output voltage swing
0.4 V/3.65 V
Input bias current
2.5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com