Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1645 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 2Page - STMicroelectronics AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
6/22
device can still working properly; otherwise a diode D1 connected to Vcc or a zener diode must be added
to protect the device.
Figure 7: Synchronization with a diode and pull-up resistor
Figure 7 shows the synchronization circuit with diode and pull-up resistor. In this case there is no
problem with the turn-off spike and maximum CK pin voltage. This circuit cannot work properly in
Discontinuous Mode due to the ringing present in the voltage drain of the synchronous rectifier.
Figure 8: Shut-down circuit
The STSR2P can be easily turned off adding a NPN transistor between Ck and SGLGND. This transistor
forces the CK pin to GND when the signal OFF is high. In this condition OUTGate1 and OUTGate2 will
be in a low state turning off the Synchronous Mosfets.
+5V
+5V
FREE WHEEL
R1
D1
STSR2P
4
5
2
6
3
Ck
INHIBIT
Vcc
SGLGND
SETANT
FORWARD
+5V
+5V
OFF
R1
D1
NPN
Q1
R2
FREE WHEEL
FORWARD
STSR2P
4
5
2
6
3
Ck
INHIBIT
Vcc
SGLGND
SETANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com