Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1645 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
8/22
Figure 10: DCM clamped
6. INHIBIT OPERATION
One of the differences between diode rectification and synchronous rectification is the possibility for
Mosfets to conduct the current in both directions while diodes conduct just in one direction. In
discontinuous mode with diode rectification, when the inductor current reaches zero it cannot reverse
because the diode does not allow current flowing from cathode to anode. Using mosfets as rectifiers,
when the inductor current reaches zero, it continues to decrease becoming negative and flowing from
drain to source of the freewheeling mosfet. In this condition the converter works always in continuous
mode.
If discontinuous mode operation is required, the freewheeling mosfet must be turned off when the current
is zero, consequently the body diode operates as a common rectifier avoiding reversal of the inductor
current.
The INHIBIT pin is able to turn off the freewheeling mosfet when its current is approaching zero allowing
discontinuous mode operation of the converter.
On the INHIBIT pin, there is an internal comparator with a -25mV threshold. This pin is connected
through a resistor to the drain of the freewheeling mosfet. At the beginning of the off time (when Ck goes
to low level), OUTGate2 goes high. The INHIBIT voltage is monitored for 250ns: if the voltage on INHIBIT
is higher than -25mV, OUTGate2 becomes low; if the voltage on INHIBIT is lower than -25mV, OUTGate2
is kept high until the voltage reaches -25mV. This is because when the freewheeling mosfet is
conducting, the voltage on its drain is: Vds= -Rds(on)*Idrain. If Vds is higher than -25mV, it means that
the current is decreasing and discontinuous mode is approaching, so OUTGate2 is turned-off allowing
operation of the body diode of the mosfet (see figure 11). When the converter is in continuous mode the
INHIBIT voltage is always lower than -25mV and OUTGate2 is kept high. The turn off of the freewheeling
mosfet occurs when the current is not exactly zero, the remaining amount of current is dependent on
RDS(on) of the mosfet.
On
Time
Off Time
V
CC
Peak
Detector
input
Dead Time
Peak
Detector
output
On
Time
Off Time
V
CC
Peak
Detector
input
Dead Time
Peak
Detector
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com