Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1645 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics AN1645 Datasheet HTML 13Page - STMicroelectronics AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
11/22
7. ANTICIPATION
One of the major problems of synchronous rectification is the generation of proper driving signals for the
mosfets to avoid cross conduction. Contemporary conduction of the two mosfets must be avoided not
only when the two mosfets are both in on state but also when just one is on and the other one is off. In
fact it is possible to have a short circuit loop on the secondary side when the current flows through one
mosfet that is on and the body diode of the other mosfet.
Referring to figure 15, when the primary Mosfet is turned-on, the voltage Vs tends to go positive. This
voltage forward bias the body diode of the Forward mosfet (FR) and, due to some delay in turning-off the
Freewheeling mosfet (FW), an unlimited current can flow in the short circuit loop determined by the FW,
the body-diode of FR and the secondary winding of the isolation transformer. The value of the short
circuit current is only limited by the parasitics of the circuit and eventually by the primary side protection
circuits included in the PWM.
In order to avoid this undesired condition, the freewheeling mosfet must be turned off before the primary
mosfet is turned on; this means that certain ’anticipation’ is needed.
Similar considerations can be made for the transition in which the FR has to be turned-off.
Figure 15: Short circuit in the secondary side
Figure 16 shows the detailed timing of Ck, OUTGate1 and OUTGate2 signals in normal operation. Time
intervals tant1 and tant2 provide the required anticipation to avoid any short circuit condition in the
secondary side. tant1 value is fixed internally while for tant2 it is possible to choose between three
different values using the SETANT2 pin according to the following table.
VOUT
4
3
Vs
FW
FR
I
FW
t
t
t0 t1
Primary
MOSFET ON
t
V
GS FW
V
S
VOUT
4
3
Vs
FW
FR
I
FW
t
t
t0 t1
Primary
MOSFET ON
t
V
GS FW
V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com